|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 25.0+/-0.3 7.0+/-0.5 11.0+/-0.3 Silicon MOSFET Power Transistor 520MHz,60W DESCRIPTION RD60HUF1 is a MOS FET type transistor specifically designed for UHF High power amplifiers applications. OUTLINE DRAWING 1 24.0+/-0.6 4-C2 *High power and High Gain: Pout>60W, Gp>7.7dB @Vdd=12.5V,f=520MHz *High Efficiency: 55%typ.on UHF Band 2 3 10.0+/-0.3 FEATURES R1.6+/-0.15 0.1 -0.01 +0.05 APPLICATION For output stage of high power amplifiers in UHF Band mobile radio sets. 5.0+/-0.3 4.5+/-0.7 6.2+/-0.7 18.0+/-0.3 3.3+/-0.2 PIN 1.Drain 2.Source 3.Gate UNIT:mm ABSOLUTE MAXIMUM RATINGS (Tc=25C UNLESS OTHERWISE NOTED) SYMBOL VDSS VGSS Pch Tj Tstg Rth-c PARAMETER Drain tosource voltage Gateto source voltage Channel dissipation Junction Temperature Storage temperature Thermal resistance CONDITIONS RATINGS 30 +/-20 150 175 -40 to +175 1.0 UNIT V V W C C C/W Tc=25C Junction to case Note 1: Above parameters are guaranteed independently. ELECTRICAL CHARACTERISTICS (Tc=25C , UNLESS OTHERWISE NOTED) SYMBOL IDSS IGSS VTH Pout D PARAMETER Zerogate voltage drain current Gate to source leak current Gate threshold voltage Output power Drain efficiency Load VSWR tolerance CONDITIONS VDS=17V, VGS=0V VGS=10V, VDS=0V VDS=12V, IDS=1mA f=520MHz ,VDD=12.5V Pin=10W, Idq=2.5A VDD=15.2V,Po=60W(PinControl) Idq=2.5A,Zg=50 Load VSWR=20:1(All Phase) LIMITS MIN TYP MAX. 400 1 1.1 1.45 1.8 60 65 50 55 No destroy UNIT uA uA V W % - Note : Above parameters , ratings , limits and conditions are subject to change. RD60HUF1 MITSUBISHI ELECTRIC 1/7 REV.1 14 May. 2003 MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 Vgs-Ids CHARACTERISTICS 10 8 6 4 2 0 Ta=+25C Vds=10V Silicon MOSFET Power Transistor 520MHz,60W TYPICAL CHARACTERISTICS DRAIN DISSIPATION VS. AMBIENT TEMPERATURE 180 CHANNEL DISSIPATION Pch(W) 160 140 120 80 60 40 20 0 0 40 80 120 160 200 AMBIENT TEMPERATURE Ta(C) Ids(A) 100 0 1 2 Vgs(V) 3 4 Vds-Ids CHARACTERISTICS 10 Ta=+25C Vds VS. Ciss CHARACTERISTICS 400 350 Vgs=3.1V 8 6 300 Ciss(pF) 250 200 150 100 50 0 0 5 10 Vds(V) 15 20 Ta=+25C f=1MHz Ids(A) Vgs=2.8V 4 2 0 0 2 4 6 Vds(V) 8 10 Vgs=2.5V Vgs=2.2V Vds VS. Coss CHARACTERISTICS 350 300 250 Coss(pF) 200 150 100 50 0 0 5 10 Vds(V) 15 20 10 0 Crss(pF) 30 20 Ta=+25C f=1MHz Vds VS. Crss CHARACTERISTICS 50 40 Ta=+25C f=1MHz 0 5 10 Vds(V) 15 20 RD60HUF1 MITSUBISHI ELECTRIC 2/7 REV.1 14 May. 2003 MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 Pin-Po CHARACTERISTICS Silicon MOSFET Power Transistor 520MHz,60W TYPICAL CHARACTERISTICS Pin-Po CHARACTERISTICS 100 50 Po(dBm) , Gp(dB) , Idd(A) 40 30 20 10 0 10 20 30 Pin(dBm) Gp Ta=+25C f=520MHz Vdd=12.5V Idq=2.5A Po 100 Po 100 80 Pout(W) , Idd(A) 80 60 40 20 0 40 d(%) 80 d 40 20 0 0 5 10 15 Pin(W) Idd Ta=25C f=520MHz Vdd=12.5V Idq=2.5A 40 20 0 20 Vdd-Po CHARACTERISTICS 90 80 70 60 Po(W) 50 40 30 20 10 0 4 6 8 10 Vdd(V) 12 14 Ta=25C f=520MHz Pin=10W Idq=2.5A Zg=ZI=50 ohm Po Vgs-Ids CHARACTERISTICS 2 18 16 14 Idd(A) 10 8 6 4 2 0 0 2 3 Vgs(V) 4 Ids(A) 8 6 4 2 +75C -25C +25C 10 Vds=10V Tc=-25~+75C Idd 12 RD60HUF1 MITSUBISHI ELECTRIC 3/7 REV.1 14 May. 2003 d(%) 60 60 MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 Silicon MOSFET Power Transistor 520MHz,60W TEST CIRCUIT V gg V dd C1 9.1K OHM L1 C3 8.2k O HM 100OHM 10pF L1 18/10pF L2 RD60HUF1 C2 RF-IN 56pF 220pF RF-OUT 10/5/8pF 5/22pF 18/10pF 2pF 12 8 6 12 38 63 75 90 100 C1:2200pF,10uF in parallel C2:2200pF*2 in parallel C3:2200pF,330uF in parallel L1:4Turns ,I.D6m m ,D1.6m m P = 1 s ilver plateted c opper wire L2:3Turns ,I.D6m m ,D1.6m m P = 1 s ilver plateted c opper wire 5 8 11 15 100 14 Note:B oard m aterial-Teflon s ubs trate M ic ro s trip line width= 4.2m m /50OHM ,er:2.7,t= 1.6m m Dim ens ions :m m RD60HUF1 MITSUBISHI ELECTRIC 4/7 REV.1 14 May. 2003 MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 Silicon MOSFET Power Transistor 520MHz,60W INPUT/OUTPUT IMPEDANCE VS.FREQUENCY CHARACTERISTICS f=520MHz Zin f=520MHz Zout f=300MHz Zout f=300MHz Zin Zo=10 f=440MHz Zout f=440MHz Zin Zin , Zout f (MHz) 300 440 520 Zin (ohm) 0.96-j0.22 2.00-j3.10 0.77+j0.66 Zout (ohm) 0.75-j0.12 0.30-j1.40 0.96+j0.49 Conditions Po=70W, Vdd=12.5V,Pin=10W Po=65W, Vdd=12.5V,Pin=10W Po=60W, Vdd=12.5V,Pin=10W RD60HUF1 MITSUBISHI ELECTRIC 5/7 REV.1 14 May. 2003 MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 Silicon MOSFET Power Transistor 520MHz,60W RD60HUF1 S-PARAMETER DATA (@Vdd=12.5V, Id=500mA) Freq. [MHz] 10 50 100 150 175 200 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 S11 (mag) 0.909 0.910 0.923 0.935 0.944 0.949 0.957 0.961 0.964 0.969 0.974 0.975 0.977 0.978 0.982 0.983 0.979 0.982 0.985 0.980 0.981 0.981 (ang) -156.8 -177.1 178.6 175.5 173.9 172.5 169.2 166.2 163.3 159.8 157.0 153.8 151.0 147.8 145.1 141.9 139.5 136.7 133.7 130.9 128.0 124.9 (mag) 0.012 0.011 0.010 0.008 0.008 0.007 0.005 0.004 0.003 0.002 0.002 0.003 0.003 0.005 0.006 0.006 0.007 0.009 0.009 0.010 0.010 0.012 S21 (ang) 8.6 -10.8 -25.0 -32.2 -39.0 -41.7 -42.3 -40.2 -21.8 -4.8 38.1 38.4 49.4 53.8 54.4 50.3 51.8 56.2 49.6 46.5 47.2 43.8 S12 (mag) (ang) 30.933 98.0 6.014 75.6 2.796 60.1 1.678 46.1 1.351 40.5 1.109 36.2 0.804 27.2 0.583 18.3 0.450 12.0 0.368 6.8 0.296 2.3 0.238 -3.0 0.209 -6.1 0.178 -14.1 0.155 -17.5 0.136 -19.6 0.113 -17.5 0.104 -20.2 0.103 -33.7 0.084 -27.4 0.083 -35.1 0.071 -28.7 S22 (mag) 0.788 0.811 0.845 0.869 0.877 0.893 0.930 0.930 0.945 0.957 0.956 0.962 0.965 0.963 0.971 0.973 0.972 0.980 0.978 0.975 0.983 0.984 (ang) -166.6 -177.2 -178.5 178.3 177.0 175.6 172.3 169.2 166.0 162.4 159.5 156.5 153.4 150.1 147.4 144.5 141.5 138.4 136.2 133.1 130.4 128.0 RD60HUF1 MITSUBISHI ELECTRIC 6/7 REV.1 14 May. 2003 MITSUBISHI RF POWER MOS FET ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS RD60HUF1 Silicon MOSFET Power Transistor 520MHz,60W Keep safety first in your circuit designs! Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against any malfunction or mishap. RD60HUF1 MITSUBISHI ELECTRIC 7/7 REV.1 14 May. 2003 |
Price & Availability of RD60HUF1 |